| 전자부품 데이터시트 검색엔진 |
|
PCF5083H/5V2/F3 데이터시트(PDF) 113 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF5083H/5V2/F3 데이터시트(HTML) 113 Page - NXP Semiconductors |
|
113 / 136 page ![]() 1996 Oct 29 113 Philips Semiconductors Objective specification GSM signal processing IC PCF5083 Table 100 Boundry Scan Chain NO. SIGNAL I/O 3-STATE CONTROL TDI 1 REFON output 105 2 DCLK input 3 RSTP input 4 CLKSEL input 5 CKI input 6 cki_enable output note 1 7 HCEN_T input 8 IO1 output 9 9 io1_enable output 10 IO1 input 11 IO2 output 12 12 io2_enable output 13 IO2 input 14 IO3 output 15 15 io3_enable output 16 IO3 input 17 IO4 output 18 18 io4_enable output 19 IO4 input 20 HA0 input 21 HA1 input 22 HA2 input 23 HA3 input 24 HA4 input 25 HA5 input 26 HA6 input 27 hd_enable output 28 HD0 output 27 29 HD0 input 30 HD1 output 27 31 HD1 input 32 HD2 output 27 33 HD2 input 34 HD3 output 27 35 HD3 input 36 HD4 output 27 37 HD4 input 38 HD5 output 27 39 HD5 input 40 HD6 output 27 41 HD6 input 42 HD7 output 27 43 HD7 input 44 HR/W input 45 HCEN_D input 46 DTACK (_enable) output 46; note 2 47 SIXCLK input 48 SIXEN input 49 SIXD input 50 SOXCLK input 51 SOXEN input 52 SOXD output 53 53 soxd_enable output 54 CLK20M output 105 55 FRAME_INT (_enable) output 55; note 2 56 COMB_INT (_enable) output 56; note 2 57 HIPR_INT (_enable) output 57; note 2 58 CLK13M output 105 59 AFS input 60 60 afs_enable output 61 AFS output 62 ACLK output 63 63 aclk_enable output 64 ACLK input 65 ADI input 66 ADO output 103 67 TSCK1 input NO. SIGNAL I/O 3-STATE CONTROL |