| 전자부품 데이터시트 검색엔진 |
|
APT30D60S 데이터시트(PDF) 2 Page - Advanced Power Technology |
|
|
|||||||||||||||||||||||||||||
APT30D60S 데이터시트(HTML) 2 Page - Advanced Power Technology |
|
2 / 4 page ![]() APT30D60B(G)_S(G) DYNAMIC CHARACTERISTICS APT Reserves the right to change, without notice, the specifications and information contained herein. 10-5 10-4 10-3 10-2 10-1 1.0 RECTANGULAR PULSE DURATION (seconds) FIGURE 1a. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION 0.70 0.60 0.50 0.40 0.30 0.20 0.10 0 0.5 SINGLE PULSE 0.1 0.3 0.7 0.9 0.05 FIGURE 1b, TRANSIENT THERMAL IMPEDANCE MODEL Peak TJ = PDM x ZθJC + TC Duty Factor D = t1/t2 t2 t1 Note: THERMAL AND MECHANICAL CHARACTERISTICS Characteristic / Test Conditions Junction-to-Case Thermal Resistance Junction-to-Ambient Thermal Resistance Package Weight Maximum Mounting Torque Symbol RθJC RθJA W T Torque MIN TYP MAX .67 40 0.22 5.9 10 1.1 UNIT °C/W oz g lb•in N•m MIN TYP MAX - 23 - 85 - 130 - 4 - - 160 - 700 - 8 - - 70 - 1300 - 30 UNIT ns nC Amps ns nC Amps ns nC Amps Characteristic Reverse Recovery Time Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Symbol t rr t rr Q rr I RRM t rr Q rr I RRM t rr Q rr I RRM Test Conditions I F = 30A, diF/dt = -200A/µs V R = 400V, TC = 25°C I F = 30A, diF/dt = -200A/µs V R = 400V, TC = 125°C I F = 30A, diF/dt = -1000A/µs V R = 400V, TC = 125°C I F = 1A, diF/dt = -100A/µs, VR = 30V, TJ = 25°C 0.289 °C/W 0.381 °C/W 0.00448 J/°C 0.120 J/°C Power (watts) RC MODEL Junction temp(°C) Case temperature(°C) |