전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF85103C-2T 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 PCF85103C-2T
상세설명  256 x 8-bit CMOS EEPROMs with I2C-bus interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF85103C-2T 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button PCF85103C-2T Datasheet HTML 6Page - NXP Semiconductors PCF85103C-2T Datasheet HTML 7Page - NXP Semiconductors PCF85103C-2T Datasheet HTML 8Page - NXP Semiconductors PCF85103C-2T Datasheet HTML 9Page - NXP Semiconductors PCF85103C-2T Datasheet HTML 10Page - NXP Semiconductors PCF85103C-2T Datasheet HTML 11Page - NXP Semiconductors PCF85103C-2T Datasheet HTML 12Page - NXP Semiconductors PCF85103C-2T Datasheet HTML 13Page - NXP Semiconductors PCF85103C-2T Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
2000 Feb 15
10
Philips Semiconductors
Product specification
256
× 8-bit CMOS EEPROMs with
I2C-bus interface
PCF85102C-2; PCF85103C-2
8.5
Read operations
The read operations are initiated in the same way as write
operations, with the exception that the LSB of the slave
address is set to logic 1.
There are three basic read operations; current address
read, random read and sequential read sequential read.
8.5.1
REMARK
The lower eight bits of the word address are incremented
after each transmission of a data byte (read or write).
The MSB of the word address, which is defined in the
slave address, is not changed when the word address
count overflows. Thus, the word address overflows from
255 to 0.
handbook, full pagewidth
S0 A
SLAVE ADDRESS
WORD ADDRESS
A
A
SLAVE ADDRESS
acknowledge
from slave
acknowledge
from slave
acknowledge
from slave
R/W
acknowledge
from master
A
DATA
auto increment
word address
MBA703 - 1
P
no acknowledge
from master
1
DATA
auto increment
word address
last byte
R/W
S1
n bytes
at this moment master
transmitter becomes
master receiver and
EEPROM slave receiver
becomes slave transmitter
Fig.8 Master reads PCF8510xC-2 slave after setting word address (write word address; read data).
handbook, full pagewidth
S
1A
SLAVE ADDRESS
DATA
A1
DATA
acknowledge
from slave
acknowledge
from master
no acknowledge
from master
R/W
auto increment
word address
MBA704 - 1
auto increment
word address
n bytes
last bytes
P
Fig.9 Master reads PCF8510xC-2 immediately after first byte (read mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20