| 전자부품 데이터시트 검색엔진 |
|
APT30M36LLL 데이터시트(PDF) 1 Page - Advanced Power Technology |
|
|
|||||||||||||||||||||||||||||
APT30M36LLL 데이터시트(HTML) 1 Page - Advanced Power Technology |
|
1 / 5 page ![]() MAXIMUM RATINGS All Ratings: TC = 25°C unless otherwise specified. CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. APT Website - http://www.advancedpower.com T-MAX™ G D S TO-264 APT30M36B2LL APT30M36LLL 300V 84A 0.036Ω Ω Ω Ω Ω • Lower Input Capacitance • Increased Power Dissipation • Lower Miller Capacitance • Easier To Drive • Lower Gate Charge, Qg • Popular T-MAX™ or TO-264 Package Power MOS 7 ® is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS. Both conduction and switching losses are addressed with Power MOS 7 ® by significantly lowering R DS(ON) and Q g. Power MOS 7 ® combines lower conduction and switching losses along with exceptionally fast switching speeds inherent with APT's patented metal gate structure. POWER MOS 7 R MOSFET Characteristic / Test Conditions Drain-Source Breakdown Voltage (V GS = 0V, ID = 250µA) Drain-Source On-State Resistance 2 (V GS = 10V, ID = 42A) Zero Gate Voltage Drain Current (V DS = 300V, VGS = 0V) Zero Gate Voltage Drain Current (V DS = 240V, VGS = 0V, TC = 125°C) Gate-Source Leakage Current (V GS = ±30V, VDS = 0V) Gate Threshold Voltage (V DS = VGS, ID = 2.5mA) Symbol V DSS I D I DM V GS V GSM P D T J,TSTG T L I AR E AR E AS Parameter Drain-Source Voltage Continuous Drain Current @ TC = 25°C Pulsed Drain Current 1 Gate-Source Voltage Continuous Gate-Source Voltage Transient Total Power Dissipation @ TC = 25°C Linear Derating Factor Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec. Avalanche Current 1 (Repetitive and Non-Repetitive) Repetitive Avalanche Energy 1 Single Pulse Avalanche Energy 4 UNIT Volts Amps Volts Watts W/°C °C Amps mJ STATIC ELECTRICAL CHARACTERISTICS Symbol BV DSS R DS(on) I DSS I GSS V GS(th) UNIT Volts Ohms µA nA Volts MIN TYP MAX 300 0.036 100 500 ±100 35 APT30M36B2LL_LLL 300 84 336 ±30 ±40 568 4.55 -55 to 150 300 84 50 2500 |
유사한 부품 번호 - APT30M36LLL |
|
유사한 설명 - APT30M36LLL |