| 전자부품 데이터시트 검색엔진 |
|
VT6103 데이터시트(PDF) 33 Page - VIA Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
VT6103 데이터시트(HTML) 33 Page - VIA Technologies, Inc. |
|
33 / 46 page ![]() VT6103 - Fast Ethernet 10 / 100 PHY / Transceiver Revision 1.1 April 15, 2002 -27- Functional Description Technologies, Inc. We Connect We Connect We Connect We Connect 100Base-FX The VT6103 is fully capable of supporting 100Base-FX applications. 100Base-FX is similar to 100Base-TX with the exceptions being the PMD sublayer, lack of data scrambling, and signaling medium and connectors. Chapter 26 of the IEEE 802.3u specification defines the interface to this PMD sublayer. The VT6103 can be configured for 100Base-FX operation through either hardware or software. Configuration through hardware is accomplished by forcing the FXEN pin (pin 34) to a logic low level prior to power-up / reset |