전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF8576C 데이터시트(PDF) 33 Page - NXP Semiconductors

부품명 PCF8576C
상세설명  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8576C 데이터시트(HTML) 33 Page - NXP Semiconductors

Back Button PCF8576C Datasheet HTML 29Page - NXP Semiconductors PCF8576C Datasheet HTML 30Page - NXP Semiconductors PCF8576C Datasheet HTML 31Page - NXP Semiconductors PCF8576C Datasheet HTML 32Page - NXP Semiconductors PCF8576C Datasheet HTML 33Page - NXP Semiconductors PCF8576C Datasheet HTML 34Page - NXP Semiconductors PCF8576C Datasheet HTML 35Page - NXP Semiconductors PCF8576C Datasheet HTML 36Page - NXP Semiconductors PCF8576C Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
1998 Jul 30
33
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex
rates
PCF8576C
11.2
Typical characteristics of LC D outputs
Fig.27 RO(max) as a function of VDD.
VLCD = 0 V; Tamb =25 °C.
handbook, halfpage
6
0
10
-1
MBE532 - 1
1
10
3
V
(V)
DD
R S
R BP
R
O(max)
(k
Ω)
Fig.28 RO(max) as a function of Tamb.
VDD = 5 V; VLCD =0V.
40
0
40
120
2.5
0
2.0
MBE526
80
1.5
1.0
0.5
R S
R BP
R
O(max)
(k
Ω)
Tamb( C)
o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com