| 전자부품 데이터시트 검색엔진 |
|
ATAM893S 데이터시트(PDF) 1 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATAM893S 데이터시트(HTML) 1 Page - ATMEL Corporation |
|
1 / 3 page ![]() DI Errata • ATAM893S • ATAM894P • ATAR092P • ATAR892P • ATAR090H • ATAR890H • ATAR080F • ATA6020N • ATAR510F • ATAR862N3/N4/N8 The latest product enhancement (PCN HC030703 DI enhancement) introduced to all MARC4 products during 2003, leads, under some conditions, to an unforeseen and unwanted behavior. The circuit may not process interrupts correctly. All above men- tioned MARC4 products are affected. Description If a DI command is immediately followed by a CALL or SCALL command and an inter- rupt meets this DI command, this interrupt is kept in the interrupt active register permanently despite a correct RTI execution. Even if the EI command in the inter- rupted program has been executed, this bit in the interrupt active register stays set and disables the execution of any interrupt of the same or lower priority. Only an inter- rupt with a higher priority or a reset is able to solve this blocking status. If the command following the DI is a NOP, the interrupt active register usually is cleared correctly after an RTI and executing interrupts then continues normally. MARC4 4-bit Microcontrollers ATAM893S ATAM894P ATAR092/892P ATAR090/890H ATAR080F ATA6020N ATAR510F ATAR862N3/4/8 Errata Sheet Rev. 4813A–4BMCU–06/04 |
유사한 부품 번호 - ATAM893S |
|
유사한 설명 - ATAM893S |