| 전자부품 데이터시트 검색엔진 |
|
PCF8576CU/10 데이터시트(PDF) 32 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8576CU/10 데이터시트(HTML) 32 Page - NXP Semiconductors |
|
32 / 44 page ![]() 1998 Jul 30 32 Philips Semiconductors Product specification Universal LCD driver for low multiplex rates PCF8576C 11.1 Typical supply current characteristics Fig.23 −ISS as a function of fframe. VDD = 5 V; VLCD = 0 V; Tamb =25 °C. 0 200 50 0 10 MBE530 20 30 40 100 I SS ( µA) f (Hz) frame normal mode power-saving mode Fig.24 −ILCD as a function of fframe. VDD = 5 V; VLCD = 0 V; Tamb =25 °C. 0 200 50 0 10 MBE529 20 30 40 100 I LCD ( µA) f (Hz) frame Fig.25 ISS as a function of VDD. VLCD = 0 V; external clock; Tamb =25 °C. handbook, halfpage 010 50 0 10 MBE528 - 1 20 30 40 5 I SS ( µA) V (V) DD power-saving mode f = 35 kHz clk normal mode f = 200 kHz clk Fig.26 ILCD as a function of VDD. VLCD = 0 V; external clock; fclk = nominal frequency. handbook, halfpage 010 50 0 10 MBE527 - 1 20 30 40 5 V (V) DD I LCD ( µA) 85 C o 25 C o 40 C o |