전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF8812U/2 데이터시트(PDF) 32 Page - NXP Semiconductors

부품명 PCF8812U/2
상세설명  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8812U/2 데이터시트(HTML) 32 Page - NXP Semiconductors

Back Button PCF8812U/2 Datasheet HTML 28Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 29Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 30Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 31Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 32Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 33Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 34Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 35Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 36Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MGT653
PC8812-1
x
y
0, 0
Fig.20 Bonding pad locations.
(1) The alignment marks are circular with a diameter of 100
µm.
(2) Maximum chip size: 2.1
× 10.9 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36