| 전자부품 데이터시트 검색엔진 |
|
PCF8820U 데이터시트(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8820U 데이터시트(HTML) 8 Page - NXP Semiconductors |
|
8 / 60 page ![]() 2000 Dec 07 8 Philips Semiconductors Product specification 67 × 101 Grey-scale/ECB colour dot matrix LCD driver PCF8820 7.11 Bias voltage generator The bias voltage generator generates 4 buffered intermediate LCD bias voltages. It contains 4 operational amplifiers and an input reference voltage generator. It can operate in two voltage ranges: • Normal mode (from 7.0 to 14.5 V) • Partial screen mode (from 4.5 to 14.5 V). 7.12 High voltage generator The high voltage generator contains a voltage multiplier which uses a charge pump circuit supplied by VDD2 and VDD3. The multiplier is software programmable with a factor from 2 to 8. In the direct drive mode the output voltage VLCDOUT =VDD2. 7.13 Temperature compensation The viscosity of the liquid crystal depends on the temperature; so to maintain optimum contrast at lower temperatures VLCD needs usually to be increased. Fig.2 shows VLCD as a function of the temperature for a typical high multiplex rate liquid crystal. Linear temperature compensation is supported in the PCF8820. The temperature coefficient for VLCDOUT can be set to one of 8 values by setting bits TC2 to TC0. 7.14 Temperature sensor The PCF8820 has a built-in temperature sensor. The sensor monitors the temperature and writes an 8-bit number into the status register. The temperature sensor and status register can both be accessed via the I2C-bus interface controller. The temperature sensor allows any temperature compensation to be implemented; any programmable parameter can be optimized as a function of the sensor read-out temperature. 7.15 LCD driver waveforms The LCD waveforms are shown in Figs 3, 4 and 5. At frame inversion, the PCF8820 generates a dummy row cycle, where no row is selected. This ensures equal conditions for the first row after frame inversion as for the other rows. Therefore the effective multiplex rate in all modes is 1 : (multiplex rate + 1). 7.16 DDRAM to display mapping DDRAM to display mapping is shown in Fig.6. handbook, halfpage MGT123 VLCD (V) Tamb (°C) 0 (1) (2) Fig.2 LCD supply voltage as a function of the temperature. (1) LCD characteristic. (2) Linear temperature compensation. |