전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT3607BC 데이터시트(PDF) 3 Page - Richtek Technology Corporation

부품명 RT3607BC
상세설명  Dual Channel PWM Controller with Integrated Driver for IMVP8 CPU CORE Power Supply
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607BC 데이터시트(HTML) 3 Page - Richtek Technology Corporation

  RT3607BC Datasheet HTML 1Page - Richtek Technology Corporation RT3607BC Datasheet HTML 2Page - Richtek Technology Corporation RT3607BC Datasheet HTML 3Page - Richtek Technology Corporation RT3607BC Datasheet HTML 4Page - Richtek Technology Corporation RT3607BC Datasheet HTML 5Page - Richtek Technology Corporation RT3607BC Datasheet HTML 6Page - Richtek Technology Corporation RT3607BC Datasheet HTML 7Page - Richtek Technology Corporation RT3607BC Datasheet HTML 8Page - Richtek Technology Corporation RT3607BC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
3
RT3607BC
DS3607BC-01 June 2018
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin No
Pin Name
Pin Function
19
SET3
3rd platform setting. Platform can use this pin to set DVID width, QRWIDTH and
Enable PSYS function for Main VR and AXG VR.
20
SETA1
1st platform setting. Platform can use this pin to set DVID threshold and ICCMAX for
AXG rail VR.
21
SETA2
2nd platform setting. Platform can use this pin to set Ramp Setting, QRTH, and OCS
for AXG rail VR.
22
IMON
CORE rail VR current monitor output. This pin outputs a voltage proportional to the
loading current.
23
VREF
Fixed 0.6V output reference voltage. This voltage is only used to offset the output
voltage of IMON pin. Between this pin and GND must be placed a RC circuit with R
= 3.9
 and C = 0.47F.
24
IMONA
AXG rail VR current monitor output. This pin outputs a voltage proportional to the
loading current.
25
VR_HOT
Thermal monitor output. This pin is active low.
26
ALERT
SVID alert. (Active low)
27
VDIO
VR and CPU data transmission interface.
28
VCLK
Synchronous clock from the CPU.
29
EN
VR enable control input.
30
OFSM
Output voltage offset setting for CORE rail VR.
31
OFSA/PSYS
Output voltage offset setting for AXG rail VR and system input power monitor. Place
the PSYS resistor as close to the IC as possible. User can disable PSYS function
by simply connecting PSYS pin to GND and SET3 pin setting disable PSYS
function.
32
VCC
Controller power supply. Connect this pin to 5V and place a decoupling capacitor
2.2
F at least. The decoupling capacitor is placed as close to VR controller as
possible.
33
IBIAS
Internal bias current setting. Connect a 100k
 resistor from this pin tied to GND to
set the internal current. Don’t connect a bypass pass capacitor from this pin to GND.
34
RGNDA
Return ground for AXG rail VR. This pin is the negative node of the differential remote
voltage sensing.
35
VSENA
AXG rail VR voltage sense input. This pin is connected to the terminal of AXG rail
VR output voltage.
36
COMPA
AXG rail VR COMPENSATION. This pin is the error amplifier output pin.
37
FBA
Negative input of the error amplifier. This pin is for AXG rail VR output voltage
feedback to controller.
40, 39
ISENA[1:2]P Positive current sense input of multi-phase AXG rail VR channel 1, 2.
41, 38
ISENA[1:2]N Negative current sense input of multi-phase AXG rail VR channel 1, 2.
42
TSENA
Thermal sense input for AXG rail VR.
43
TONSETA
AXG rail VR on-time setting. An on-time setting resistor is connected from this pin to
input voltage.
44
DVD
Divided input voltage detection of power stage. Connect this pin to a voltage divider
from input voltage of power stage to detect input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com