| 전자부품 데이터시트 검색엔진 |
|
ZHT431C01L 데이터시트(PDF) 9 Page - Zetex Semiconductors |
|
|
|||||||||||||||||||||||||||||
ZHT431C01L 데이터시트(HTML) 9 Page - Zetex Semiconductors |
|
9 / 12 page ![]() ZHT431 Issue 5 - October 2006 9 www.zetex.com © Zetex Semiconductors plc 2006 Package outline - SOT23 Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches Dim. Millimeters Inches Dim. Millimeters Inches Min. Max. Min. Max. Min. Max. Max. Max. A 2.67 3.05 0.105 0.120 H 0.33 0.51 0.013 0.020 B 1.20 1.40 0.047 0.055 K 0.01 0.10 0.0004 0.004 C - 1.10 - 0.043 L 2.10 2.50 0.083 0.0985 D 0.37 0.53 0.015 0.021 M 0.45 0.64 0.018 0.025 F 0.085 0.15 0.0034 0.0059 N 0.95 NOM 0.0375 NOM G 1.90 NOM 0.075 NOM - - - - - E e L e1 D A c E1 L1 A1 b 3 leads |