전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZLLS2000TA 데이터시트(PDF) 2 Page - Zetex Semiconductors

부품명 ZLLS2000TA
상세설명  40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZETEX [Zetex Semiconductors]
홈페이지  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZLLS2000TA 데이터시트(HTML) 2 Page - Zetex Semiconductors

  ZLLS2000TA Datasheet HTML 1Page - Zetex Semiconductors ZLLS2000TA Datasheet HTML 2Page - Zetex Semiconductors ZLLS2000TA Datasheet HTML 3Page - Zetex Semiconductors ZLLS2000TA Datasheet HTML 4Page - Zetex Semiconductors ZLLS2000TA Datasheet HTML 5Page - Zetex Semiconductors ZLLS2000TA Datasheet HTML 6Page - Zetex Semiconductors ZLLS2000TA Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZLLS2000
SEMICO NDUC TORS
ISSUE 4 - APRIL 2007
2
PARAMETER
SYMBOL
VALUE
UNIT
Schottky Diode
Continuous reverse voltage
V
R
40
V
Forward current
I
F
2.2
A
Peak repetitive forward current
Rectangular pulse duty cycle
I
FPK
3.55
A
Non repetitive forward current
t=
100 s
t=
10ms
I
FSM
36
12
A
A
Package
Power dissipation at T
amb=25 C
single die continuous
single die measured at t<5 secs
P
D
1.1
1.71
W
W
Storage temperature range
T
stg
-55 to +150
C
Junction temperature
Tj
150
C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Junction to ambient (a)
R
JA
113
°C/W
Junction to ambient (b)
R
JA
73
°C/W
THERMAL RESISTANCE
Notes
(a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper,
in still air conditions.
(b) For a device surface mounted on FR4 PCB measured at t<5secs.



Html Pages

1 2 3 4 5 6 7