전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XN-2P-RKMT299 데이터시트(PDF) 6 Page - Extreme Networks.

부품명 XN-2P-RKMT299
상세설명  High-performance 10/25 Gigabit Aggregation Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXTREMENETWORKS [Extreme Networks.]
홈페이지  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-2P-RKMT299 데이터시트(HTML) 6 Page - Extreme Networks.

  XN-2P-RKMT299 Datasheet HTML 1Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 2Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 3Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 4Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 5Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 6Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 7Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Part Number
Product Name
Product Description
XN-FAN-001-R
Back to Front Fan
Single Fan module, Back-to-Front Airflow supported on X695
XN-ACPWR-750W-F
750W AC PSU Front to Back airflow AC 750W PSU, Front-to-Back Airflow supported on X695
XN-ACPWR-750W-R
750W AC PSU Back to Front airflow AC 750W PSU, Back-to-Front Airflow supported on X695
XN-DCPWR-750W-F
750W DC PSU Front to Back airflow DC 750W PSU, Front-to-Back Airflow supported on X695
XN-DCPWR-750W-R
750W DC PSU Back to front airflow DC 750W PSU, Back-to-Front Airflow supported on X695
XN-2P-RKMT299
Two Post Rail Kit
Spare two post rack mount kit supported on X695
XN-4P-RKMT298
Four Post Rail Kit
Spare four post rack mount rail kit supported on X695
10965
LRM/MACsec Adapter
LRM/MACsec Adapter, includes two host cables for host switch connection, and USB
cable for optional power connection. Requires MACsec license on host switch.
10966
5-Unit Rack Mount Kit
Optional rack mount bracket for LRM/MACsec Adapter. Holds five units in 1RU.
Software Licenses
Part Number
Product Name
Product Description
EXOS-CORE-FP-X695
EXOS Core Feature Pack
Core Feature Pack License for X695 (Includes Integrated Application Hosting)
EXOS-MACSEC-FP-X695
X695 MACsec Feature Pack
MACsec Feature Pack for the X695. Enables MACsec when used with LRM/MACsec
Adapter (10965)
17133
X695 MPLS Feature Pack
MPLS Feature Pack License for the X695
www.extremenetworks.com
6



Html Pages

1 2 3 4 5 6 7