| 전자부품 데이터시트 검색엔진 |
|
15552B 데이터시트(PDF) 2 Page - Heyco. |
|
|
|||||||||||||||||||||||||||||
15552B 데이터시트(HTML) 2 Page - Heyco. |
|
2 / 2 page ![]() 7-HPLP 2 1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com “Stay Connected” with HEYware Products ® PART NO. DESCRIPTION PART DIMENSIONS Style Threaded Clearance Hole Min Panel Max Panel AB C Push In Pull Out Hole Type ±.015 (0,4mm) Thickness E Thickness F Head Overall Head Force Force Height Length Diameter Max. Min. Imperial Metric in. mm. in. mm. in. mm. Natural Black in. mm. in. mm. in. mm. lbf N lbf N .03 0,7 .16 4,0 15542 15542B HPLPB 083-024 .24 6,0 #4 M3 .083 2,1 .12 3,0 .24 6,0 15544 15544B HPLPB 083-032 .09 2,4 .32 8,0 .22 5,6 6.7 30 11.2 50 .18 4,6 .32 8,0 15546 15546B HPLPB 083-039 .39 10,0 .26 6,7 .39 10,0 15548 15548B HPLPB 083-047 .47 12,0 .10 2,6 .22 5,7 15550 15550B HPLPB 125-032 .32 8,0 7.9 35 20.2 90 .04 1,1 .24 6,2 15552 15552B HPLPB 125-033 .33 8,5 #8 M4 .125 3,2 .15 3,7 .30 7,7 15554 15554B HPLPB 125-039 .12 3,1 .39 10,0 .32 8,0 .18 4,6 .38 9,7 15556 15556B HPLPB 125-047 .47 12,0 9 40 27.0 120 .25 6,4 .46 11,7 15558 15558B HPLPB 125-055 .55 14,0 .32 8,1 .54 13,7 15560 15560B HPLPB 125-063 .63 16,0 .08 2,0 .21 5,4 15562 15562B HPLPB 161-035 .35 9,0 7.9 35 22.5 100 .14 3,6 .25 6,4 15564 15564B HPLPB 161-039 .39 10,0 .12 3,0 .33 8,4 15566 15566B HPLPB 161-047 .47 12,0 #10 M5 .161 4,1 .24 6,1 .45 11,4 15568 15568B HPLPB 161-059 .15 3,7 .59 15,0 .37 9,5 10.1 45 33.7 150 2 .28 7,1 .49 12,4 15570 15570B HPLPB 161-063 .63 16,0 .36 9,1 .57 14,4 15572 15572B HPLPB 161-071 .71 18,0 .38 9,7 .65 16,4 15574 15574B HPLPB 161-079 .79 20,0 .10 2,6 .21 5,4 15576 15576B HPLPB 201-039 .39 10,0 7.9 35 27.0 120 .17 4,3 .29 7,4 15578 15578B HPLPB 201-047 .47 12,0 .12 3,0 .35 8,9 15580 15580B HPLPB 201-053 .53 13,5 1/4-20 M6 .201 5,1 .18 4,6 .41 10,4 15582 15582B HPLPB 201-059 .18 4,6 .59 15,0 .47 12,0 .16 4,1 .45 11,4 15584 15584B HPLPB 201-063 .63 16,0 10.1 45 38.2 170 .29 7,4 .53 13,4 15586 15586B HPLPB 201-071 .71 18,0 .38 9,7 .61 15,4 15588 15588B HPLPB 201-079 .79 20,0 .53 13,5 .80 20,4 15590 15590B HPLPB 201-098 .98 25,0 .07 1,8 .26 6,5 15592 15592B HPLPB 250-047 .47 12,0 40.5 180 .14 3,5 .41 10,5 15594 15594B HPLPB 250-063 .63 16,0 .21 5,3 .49 12,5 15596 15596B HPLPB 250-071 .71 18,0 5/16-18 M8 .250 6,4 .32 8,0 .57 14,5 15598 15598B HPLPB 250-079 .24 6,0 .79 20,0 .63 16,0 12.4 55 47.3 210 .51 13,0 .77 19,5 15600 15600B HPLPB 250-098 .98 25,0 .70 17,7 .96 24,5 15602 15602B HPLPB 250-118 1.18 30,0 .90 22,9 1.16 29,5 15604 15604B HPLPB 250-138 1.38 35,0 .03 0,7 .16 4,0 15606 15606B HPLPC 083-024 .24 6,0 #4 M3 .083 2,1 .12 3,0 .24 6,0 15608 15608B HPLPC 083-032 .09 2,4 .32 8,0 .22 5,6 6.7 30 11.2 50 .18 4,6 .32 8,0 15610 15610B HPLPC 083-039 .39 10,0 .26 6,7 .39 10,0 15612 15612B HPLPC 083-047 .47 12,0 .10 2,6 .22 5,7 15614 15614B HPLPC 125-032 .32 8,0 7.9 35 20.2 90 .04 1,1 .24 6,2 15616 15616B HPLPC 125-033 .33 8,5 #8 M4 .125 3,2 .15 3,7 .30 7,7 15618 15618B HPLPC 125-039 .12 3,1 .39 10,0 .32 8,0 .18 4,6 .38 9,7 15620 15620B HPLPC 125-047 .47 12,0 9 40 27.0 120 .25 6,4 .46 11,7 15622 15622B HPLPC 125-055 .55 14,0 .32 8,1 .54 13,7 15624 15624B HPLPC 125-063 .63 16,0 .08 2,0 .21 5,4 15626 15626B HPLPC 161-035 .35 9,0 7.9 35 22.5 100 .14 3,6 .25 6,4 15628 15628B HPLPC 161-039 .39 10,0 .12 3,0 .33 8,4 15630 15630B HPLPC 161-047 .47 12,0 #10 M5 .161 4,1 .24 6,1 .45 11,4 15632 15632B HPLPC 161-059 .15 3,7 .59 15,0 .37 9,5 10.1 45 33.7 150 .28 7,1 .49 12,4 15634 15634B HPLPC 161-063 .63 16,0 3 .36 9,1 .57 14,4 15636 15636B HPLPC 161-071 .71 18,0 .38 9,7 .65 16,4 15638 15638B HPLPC 161-079 .79 20,0 .10 2,6 .21 5,4 15640 15640B HPLPC 201-039 .39 10,0 7.9 35 27.0 120 .17 4,3 .29 7,4 15642 15642B HPLPC 201- 047 .47 12,0 .12 3,0 .35 8,9 15644 15644B HPLPC 201-053 .53 13,5 1/4-20 M6 .201 5,1 .18 4,6 .41 10,4 15646 15646B HPLPC 201-059 .18 4,6 .59 15,0 .47 12,0 .16 4,1 .45 11,4 15648 15648B HPLPC 201-063 .63 16,0 10.1 45 38.2 170 .29 7,4 .53 13,4 15650 15650B HPLPC 201-071 .71 18,0 .38 9,7 .61 15,4 15652 15652B HPLPC 201-079 .79 20,0 .53 13,5 .80 20,4 15654 15654B HPLPC 201-098 .98 25,0 .07 1,8 .26 6,5 15656 15656B HPLPC 250-047 .47 12,0 40.5 180 .14 3,5 .41 10,5 15658 15658B HPLPC 250-063 .63 16,0 .21 5,3 .49 12,5 15660 15660B HPLPC 250-071 .71 18,0 5/16-18 M8 .250 6,4 .32 8,0 .57 14,5 15662 15662B HPLPC 250-079 .24 6,0 .79 20,0 .63 16,0 12.4 55 47.3 210 .51 13,0 .77 19,5 15664 15664B HPLPC 250-098 .98 25,0 .70 17,7 .96 24,5 15666 15666B HPLPC 250-118 1.18 30,0 .90 22,9 1.16 29,5 15668 15668B HPLPC 250-138 1.38 35,0 HEYClip™ Nylon Push Screws – HPLP Series (continued) |