| 전자부품 데이터시트 검색엔진 |
|
AM452 데이터시트(PDF) 2 Page - Analog Microelectronics GmbH |
|
|
|||||||||||||||||||||||||||||
AM452 데이터시트(HTML) 2 Page - Analog Microelectronics GmbH |
|
2 / 21 page ![]() AM452 – Voltage-to-current transducer IC with a differential input Analog Microelectronics GmbH An der Fahrt 13, D – 55124 Mainz February 2008 - Rev 1.2 - Page 2/21 Phone: +49 (0)6131/91 073-0 Fax: +49 (0)6131/91 073-30 Internet: http://www.analogmicro.de Email: info@analogmicro.de TABLE OF CONTENTS PRINCIPLE FUNCTION 1 FEATURES 3 SCHEMATIC 3 GENERAL DESCRIPTION 3 ELECTRICAL SPECIFICATIONS 4 BOUNDARY CONDITIONS 7 DETAILED DESCRIPTION OF FUNCTIONS 8 Instrumentation amplifier (IA) 8 Operational amplifier stage (OP1) 8 Zero adjust stage 8 SET stage 8 Voltage-to-current converter (V/I converter) 8 Reference voltage source 8 Additional operational amplifier OP2 8 OPERATING AM452 8 2- and 3-wire applications in general [2] 8 Differences in the AM452 circuitry with 2- and 3-wire applications 8 Selecting the supply voltage 8 Setting the offset and output current range for VIN = 0 8 OPERATING AM452: IMPORTANT POINTS TO NOTE 8 DIMENSIONING 8 APPLICATIONS 8 Typical 3-wire application with a differential input signal 8 Typical 2-wire application with a differential input signal 8 Offset compensation using a voltage divider at SET stage 8 Using OP2 as a current source 8 Using OP2 as a voltage source 8 BLOCK DIAGRAM AND PINOUT 8 DELIVERY 8 PACKAGE DIMENSIONS 8 FURTHER READING 8 NOTES 8 |