| 전자부품 데이터시트 검색엔진 |
|
CSW1012 데이터시트(PDF) 1 Page - Sensata Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
CSW1012 데이터시트(HTML) 1 Page - Sensata Technologies, Inc. |
|
1 / 3 page ![]() Page 1 Copyright © 2019 Sensata Technologies, Inc. www.sensata.com CSW SERIES | INVERTER COMPACT SINE WAVE ON THE GO Features • Compact and Lightweight – The CSW provides pure sine wave power from a small footprint designed to fit in tight vehicle and marine spaces. And it is lightweight, so won’t weigh you down. • At-a-Glance Status – The inverter’s status can be determined at a glance with the easy-to-read LED light. • Digital Display* – The alphanumeric display shows the inverter’s battery voltage, total AC output power, along with additional operation codes. (*not available on the CSW412) • USB Port – Power and charge your USB-enabled device with the available USB port. • GFCI AC Outlet – Plug in two pieces of equipment directly to the CSW and know that the GFCI outlet will quickly stop the flow of electricity should a ground fault occur. The outlet also comes with an LED indicator and test/reset capability. • Automatic Transfer Switch Option – The CSW2012-X automatically switches between shore power and inverter/battery power. Options • Remote Switch – Use the optional CSW-RS remote switch for even easier on/off access away from the inverter. The CSW-RS comes with a 20’ cable. • Transfer Switch – Use the optional 15 amp CSW-TS15 transfer switch to automatically switch AC load connections between utility/generator power and the AC output of the CSW1012 inverter. Introduction The CSW Series Inverter is a pure sine wave inverter designed to be powerful, yet simple to operate. The CSW will provide you with reliable AC power for troublefree use. Model Numbers • CSW412 • CSW1012 • CSW2012 • CSW2012-X Available For • Emergency Medical Services • Marine Systems • Military Vehicles • RV Systems • Trucks • Utility Vehicles Available Accessories • Remote Switch [CSW-RS] • Transfer Switch [CSW-TS15] Pure Sine Wave 12 400- 2000 VA Battery Voltage Options Continuous Output Options |
유사한 부품 번호 - CSW1012 |
|
유사한 설명 - CSW1012 |