| 전자부품 데이터시트 검색엔진 |
|
DP83848C 데이터시트(PDF) 62 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83848C 데이터시트(HTML) 62 Page - National Semiconductor (TI) |
|
62 / 82 page ![]() 62 www.national.com 8.1 DC Specs (Continued) SDTHoff PMD Input Pair 100BASE-TX Signal detect turn- off threshold 200 mV diff pk-pk VTH1 PMD Input Pair 10BASE-T Re- ceive Threshold 585 mV Idd100 Supply 100BASE-TX (Full Duplex) 81 mA Idd10 Supply 10BASE-T (Full Duplex) 92 mA Idd Supply Power Down Mode 14 mA Symbol Pin Types Parameter Conditions Min Typ Max Units |