| 전자부품 데이터시트 검색엔진 |
|
LM2991 데이터시트(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM2991 데이터시트(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 12 page ![]() Connection Diagrams and Ordering Information 5-Lead TO-220 Straight Leads DS011260-9 Front View Order Number LM2991T See NS Package Number T05A 5-Lead TO-220 Bent, Staggered Leads DS011260-2 Front View Order Number LM2991T Flow LB03 See NS Package Number T05D TO263 5-Lead Surface-Mount Package DS011260-11 Top View DS011260-12 Side View Order Number LM2991S See NS Package Number TS5B 16-Lead Ceramic Dual-in-Line Package DS011260-29 Top View Order Number LM2991J-QMLV 5962-9650501VEA Order Number LM2991J-QML 5962-9650501QEA See NS Package Number J16A 16-Lead Ceramic Surface-Mount Package DS011260-30 Top View Order Number LM2991WG-QML 5962-9650501QXA See NS Package Number WG16A www.national.com 2 |