전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2201 데이터시트(PDF) 2 Page - Sensata Technologies, Inc.

부품명 2201
상세설명  ROTARY MOTION | PRECISION SENSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SENSATA [Sensata Technologies, Inc.]
홈페이지  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

2201 데이터시트(HTML) 2 Page - Sensata Technologies, Inc.

  2201 Datasheet HTML 1Page - Sensata Technologies, Inc. 2201 Datasheet HTML 2Page - Sensata Technologies, Inc. 2201 Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.sensata.com
Page 2
Copyright © 2018 Sensata Technologies, Inc.
DIMENSIONS
Mechanical
Environmental
Temperature Range (°C) Standard
-55 to + 125
ALL MODELS are manufactured to meet or exceed applicable characteristics of MIL-R-12934. For MILITARY-APPROVED (QPL) Listings.
TOLERANCES UNLESS OTHERWISE SPECIFIED:
FRACTIONAL: ±1/64" DECIMAL: ±.005" ANGULAR: ±1°
Dimensions are in in[mm]
2201
2301
2501
2601
2701
2801
Total Mechanical Travel
360° Continuous
Mechanical Life, Shaft Revolutions
10 million
Ganged Cups, Max. (Number)
6
8
Taps, Max., Excluding End
Terminations
9
19
24
26
41
Moment Of Inertia, Per Cup
(gm-cm2)
0.2
4.0
4.5
5.0
8.5
Weight: Single Cup (oz.)
0.6
0.8
2.2
2.8
3.3
6.5
Each Additional Cup (oz.)
0.2
0.5
0.7
0.9
1.0
1.4
Torque, Max. Per Cup (oz. in)
0.1
0.15
0.6
0.7
0.8
1.0
Pilot Diameter Runout, Max.
.0015
Lateral Runout, Max.
.0015
.002
.003
Shaft Runout, Max.
.001
Shaft Radial, Max.
.002
Shaft End, Max.
.004
Dimension For Each Additional Cup
.500±.002
.537±.002
.562±.002



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com