| 전자부품 데이터시트 검색엔진 |
|
2012 데이터시트(PDF) 1 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
2012 데이터시트(HTML) 1 Page - Christian Bürkert GmbH & Co. KG |
|
1 / 14 page ![]() Visit product website DATA SHEET Type 8652 AirLINE - the valve island optimised for process automation Type ME43 Fieldbus gateway Type 2012 Pneumatically operated 2/2-way globe valve CLASSIC Type 2100 Pneumatically operated 2/2-way angle seat valve ELEMENT for decentralized automation Type 8920 Bürkert Communicator Type 8697 Pneumatic control for decentralised automation of ELEMENT process valves Standard | EU | en | 2023 - 10 - 02 | 04 AirLINE Field – the valve island – optimised for process automation • Fieldbus interface CANopen, IO-Link or büS (Bürkert System Bus) • Easy diagnostics via LC display • Process reliability through pneumatic functions • Optimised for installation in the field (IP65/67) The valve island Type 8653 AirLINE Field has been especially developed for appli- cations in process automation. New diagnostic functions can be visualised at the LC display, both in clear text and as symbols. This facilitates assignment of the displayed messages and helps to save time during start-up and maintenance. Furthermore the diagnostic message is also available in the controller. This there- fore enables a fast overview of the plant status. The hardware design has been optimised for installation close to the actuator. Thus, an intelligent installation system allows the valve island to be installed in a wide variety of positions. Need- less to say, straightforward installation on the DIN rail is also possible. Moreover, key pneumatic functions ensure increased process reliability. For instance, the non-return valves in the exhaust air ducts make sure there is no unplanned actua- tion due to pressure peaks. Product variants described in the data sheet may differ from the product presentation and description. Type description Can be combined with Type 8653 © Christian Bürkert GmbH & Co. KG, Subject to alteration |
유사한 부품 번호 - 2012 |
|
유사한 설명 - 2012 |