| 전자부품 데이터시트 검색엔진 |
|
2103 데이터시트(PDF) 1 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
2103 데이터시트(HTML) 1 Page - Christian Bürkert GmbH & Co. KG |
|
1 / 17 page ![]() Visit product website DATA SHEET Type 2301 Pneumatically operated 2-way Globe Control Valve Type 2300 Pneumatically operated 2-way angle seat control valve ELEMENT Type 2103 2/2-way diaphragm valve with pneumatic stainless steel actuator (Type ELE- MENT) for decentralised automation Standard | EU | en | 2024 - 03 - 06 | 23 Digital electro-pneumatic positioner for integrated mounting on process control valves • Compact and robust stainless steel design • Easy start-up with automatic X-Tune function • Contact-free position sensor • Integrated pilot air duct with spring chamber aeration • EtherNet/IP, PROFINET, Modbus TCP, PROFIBUS DP-V1 or Bürkert system bus (büS) The compact positioner device Type 8692 is optimised for integrated mounting on the pneumatic actuators in the process valve series Type 23xx/2103 and is spe- cially designed for the requirements of a hygienic process environment. The pilot air duct is integrated into the actuator without external piping. The easy operation and the selection of additional software functions are carried out either on a big graphic display with backlight and keypad or via the COMMUNICATOR. The positioner registers the valve position without deterioration via a contact-free, analogue position sensor. The integrated diagnostics function are used to monitor control valve operating conditions. Valve diagnostic messages via status signals are issued in accordance with NE107 (NAMUR) and recorded as historical entries. The housing is easy to clean and features proven IP protection and chemically resistant materials for use in hygienic processing in the food, beverage and phar- maceutical industries. Combined with Bürkert ELEMENT actuators, the pneumatic actuating system enables spring chamber aeration that avoids actuator chamber contamination from the environment. Product variants described in the data sheet may differ from the product presentation and description. Type description Can be combined with Type 8692 © Christian Bürkert GmbH & Co. KG, Subject to alteration |
유사한 부품 번호 - 2103 |
|
유사한 설명 - 2103 |