| 전자부품 데이터시트 검색엔진 |
|
TMP112A/B/N 데이터시트(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP112A/B/N 데이터시트(HTML) 23 Page - Texas Instruments |
|
23 / 47 page ![]() 7.4.4 Thermostat Mode (TM) The thermostat mode bit indicates to the device whether to operate in comparator mode (TM = 0 ) or interrupt mode (TM = 1). 7.4.4.1 Comparator Mode (TM = 0) In Comparator mode (TM = 0), the Alert pin and status flag are activated when the temperature equals or exceeds the value in the T(HIGH) register and remains active until the temperature falls below the value in the T(LOW) register. For more information on the comparator mode, see the Section 7.5.4 section. 7.4.4.2 Interrupt Mode (TM = 1) In Interrupt mode (TM = 1), the Alert pin is activated when the temperature exceeds T(HIGH) or goes below T(LOW) registers. The Alert pin is cleared when the host controller reads the temperature register. For more information on the interrupt mode, see the Section 7.5.4 section. 7.5 Programming 7.5.1 Pointer Register Figure 7-8 shows the internal register structure of the TMP112 family. The 8-bit Pointer Register of the device is used to address a given data register. The Pointer Register uses the two LSBs (see Table 7-13) to identify which of the data registers must respond to a read or write command. The power-up reset value of P1/P0 is '00'. By default, the TMP112 family reads the temperature on power-up. I/O Control Interface SCL SDA Temperature Register Configuration Register T LOW Register T HIGH Register Pointer Register Figure 7-8. Internal Register Structure Table 7-6 lists the pointer address of the registers available in the TMP112 family. Table 7-7 lists the bits of the Pointer Register byte. During a write command, bytes P2 through P7 must always be 0. Table 7-6. Pointer Addresses P1 P0 REGISTER 0 0 Temperature Register (Read Only) 0 1 Configuration Register (Read/Write) 1 0 TLOW Register (Read/Write) 1 1 THIGH Register (Read/Write) www.ti.com TMP112 SBOS473J – MARCH 2009 – REVISED FEBRUARY 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 23 Product Folder Links: TMP112 |
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |