| 전자부품 데이터시트 검색엔진 |
|
AS7221 데이터시트(PDF) 42 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS7221 데이터시트(HTML) 42 Page - OSRAM GmbH |
|
42 / 56 page ![]() Document Feedback AS7221 Smart Lighting Command Interface Datasheet • PUBLIC DS000479 • v4-00 • 2019-Jun-28 55 │ 41 Command Direction Description Format Value Range Default ATLXSL1 R/W Reads and writes the calibration scalar K1 for external ambient light sensor (TSL2572 only); Formula K0>0: LUX=K0*ADC0- K1*ADC1 K0=0: LUX=K1*ADC1 DEZ ≥0 0 Firmware and Firmware Update ATVERSW R Return the current software version number DEZ <MAJOR.MINOR.PATCH> - ATVERHW R Returns the system hardware as a HEX value of the form PRDTx where P=PartID and R=ChipRevision and DT= DeviceType HEX <0xPRDT> PR: 40 DT: 15 (AS7221) 0x4015 ATFWU W Starts firmware update process and transfer the bin file checksum - - - ATFW W Download new firmware Up to 10 bytes of FW image at a time (20 hex bytes with no leading or trailing 0x) Repeat command till all 56Kbytes of firmware are downloaded - HEX STRING (without 0x) - ATFWS W Tests the checksum on the non-active FW partition and, if correct, switches active partition. This is a toggle and can be used to toggle between the 2 FW partitions. Note: the first 5 bytes in page 0 are not touched. It is only a temporary switch and must be used to check the new firmware whether the communication works! - - - ATFWL W This command locks the current firmware to starts on power cycles. It rewrites the first five bytes in page0! - - - |