전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS7263 데이터시트(PDF) 4 Page - OSRAM GmbH

부품명 AS7263
상세설명  6-Channel NIR Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7263 데이터시트(HTML) 4 Page - OSRAM GmbH

  AS7263 Datasheet HTML 1Page - OSRAM GmbH AS7263 Datasheet HTML 2Page - OSRAM GmbH AS7263 Datasheet HTML 3Page - OSRAM GmbH AS7263 Datasheet HTML 4Page - OSRAM GmbH AS7263 Datasheet HTML 5Page - OSRAM GmbH AS7263 Datasheet HTML 6Page - OSRAM GmbH AS7263 Datasheet HTML 7Page - OSRAM GmbH AS7263 Datasheet HTML 8Page - OSRAM GmbH AS7263 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
Datasheet, Public
Page 3
[v4-00] 2022-Nov-30
Document Feedback
AS7263 − Pin Assignment
The device pin assignments are described below.
Figure 3:
Pin Diagram (Top View)
Figure 4:
Pin Description
Pin Number
Pin Name
Description
1
NF
Not Functional. Do not connect.
2RESN
Reset, Active LOW.
3
SCK
SPI Serial Clock.
4
MOSI
SPI Master Out Slave In.
5MISO
SPI Master In Slave Out.
6
CSN_EE
Chip Select for External Serial Flash Memory, Active LOW.
7
CSN_SD
Chip Select for SD Card Interface, Active LOW.
8
I2C_ENB
Select UART (Low) or I²C (High) Operation.
9
NF
Not Functional. Do not connect.
10
NF
Not Functional. Do not connect.
11
RX/SCL_S
RX (UART) or SCL_S (I²C Slave) Depending on I²C_ENB.
12
TX/SDA_S
TX (UART) or SDA_S (I²C Slave) Depending on I²C_ENB.
13
INT
Interrupt, Active LOW.
14
VDD2
Voltage Supply.
Pin Assignment
1
5
610
11
15
16
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46