전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS7265X 데이터시트(PDF) 62 Page - OSRAM GmbH

부품명 AS7265X
상세설명  Smart 18-Channel VIS to NIR Spectral_ ID 3-Sensor Chipset with Electronic Shutter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7265X 데이터시트(HTML) 62 Page - OSRAM GmbH

Back Button AS7265X Datasheet HTML 56Page - OSRAM GmbH AS7265X Datasheet HTML 57Page - OSRAM GmbH AS7265X Datasheet HTML 58Page - OSRAM GmbH AS7265X Datasheet HTML 59Page - OSRAM GmbH AS7265X Datasheet HTML 60Page - OSRAM GmbH AS7265X Datasheet HTML 61Page - OSRAM GmbH AS7265X Datasheet HTML 62Page - OSRAM GmbH AS7265X Datasheet HTML 63Page - OSRAM GmbH AS7265X Datasheet HTML 64Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 62 / 64 page
background image
ams Datasheet
Page 61
[v1-04] 2018-Jul-09
Document Feedback
AS7265x − Revision Information
Note(s):
1. Page and figure numbers for the previous version may differ from page and figure numbers in the current revision.
2. Correction of typographical errors is not explicitly mentioned.
Updated Figure 59 (AS7265x AT Commands) and text above it
43
Updated Figure 60 (Typical AS7265x 18-Channel Application Circuit)
48
Updated text under Manufacturing Process Considerations
(replaced AS72651 with AS72651, AS72652,AS72653)
54
Updated note under Figure 67
56
Changes from 1-03 (2017-Oct-17) to current revision 1-04 (2018-Jul-09)
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64