전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TCS3408 데이터시트(PDF) 25 Page - OSRAM GmbH

부품명 TCS3408
상세설명  ALS/Color Sensor with Selective Flicker Detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3408 데이터시트(HTML) 25 Page - OSRAM GmbH

Back Button TCS3408 Datasheet HTML 21Page - OSRAM GmbH TCS3408 Datasheet HTML 22Page - OSRAM GmbH TCS3408 Datasheet HTML 23Page - OSRAM GmbH TCS3408 Datasheet HTML 24Page - OSRAM GmbH TCS3408 Datasheet HTML 25Page - OSRAM GmbH TCS3408 Datasheet HTML 26Page - OSRAM GmbH TCS3408 Datasheet HTML 27Page - OSRAM GmbH TCS3408 Datasheet HTML 28Page - OSRAM GmbH TCS3408 Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
Page 24
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-01
TCS3408 − Register O ver view
ALS level detection uses data generated by the ADC Channel X.
The channel can be selected via ALS_TH_CHANNEL (see
CFG12).The ALS Interrupt Threshold registers provide 16-bit
values to be used as the high and low thresholds for comparison
to the 16-bit ADATAX values. If AIEN is enabled and ADATAX is
not between AILT and AIHT for the number of consecutive
samples specified in APERS an interrupt is asserted on the
interrupt pin. These registers are read/write.
Figure 26:
ALS Interrupt Thresholds
Note(s):
1. Return to the Register Map (0x84, 0x85, 0x86, 0x87).
Bits
Addr
Field
Description
7:0
0x84
AILT
ALS Interrupt Low Threshold
15:8
0x85
7:0
0x86
AIHT
ALS Interrupt High Threshold
15:8
0x87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53