전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TCS34003FN 데이터시트(PDF) 16 Page - OSRAM GmbH

부품명 TCS34003FN
상세설명  Color Light-to-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34003FN 데이터시트(HTML) 16 Page - OSRAM GmbH

Back Button TCS34003FN Datasheet HTML 12Page - OSRAM GmbH TCS34003FN Datasheet HTML 13Page - OSRAM GmbH TCS34003FN Datasheet HTML 14Page - OSRAM GmbH TCS34003FN Datasheet HTML 15Page - OSRAM GmbH TCS34003FN Datasheet HTML 16Page - OSRAM GmbH TCS34003FN Datasheet HTML 17Page - OSRAM GmbH TCS34003FN Datasheet HTML 18Page - OSRAM GmbH TCS34003FN Datasheet HTML 19Page - OSRAM GmbH TCS34003FN Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Datasheet, Public
Page 15
[v2-00] 2023-Feb-09
Document Feedback
TCS3400 − Register Description
RGBC Integration Time Register (ATIME 0x81)
The ATIME register controls the internal integration time of the
RGBC channel ADCs. Upon power up, the RGBC time register is
set to 0xFF.
The maximum (or saturation) count value can be calculated
based upon the integration time cycles as follows:
min [CYCLES * 1024, 65535]
Figure 21:
RGBC Integration Time Register
Wait Time Register (WTIME 0x83)
The WTIME controls the amount of time in a low power mode.
It is set 2.78 ms increments unless the WLONG bit is asserted in
which case the wait times are 12x longer. WTIME is programmed
as a 2’s complement number. Upon power up, the wait time
register is set to 0xFF.
Figure 22:
Wait Time Register
Note(s):
1. The wait time register should be configured before AEN is asserted.
Field
Bits
Description
Value
Cycles
Time
Max Count
ATIME
7:0
0xFF
1
2.78 ms
1024
0xF6
10
27.8 ms
10240
0xDB
37
103 ms
37888
0xC0
64
178 ms
65535
0x00
256
712 ms
65535
Field
Bits
Description
Register Value
Wait Time
Time
(WLONG=0)
Time
(WLONG=1)
WTIME
7:0
0xFF
1
2.78 ms
0.03 s
0xAB
85
236 ms
2.84 s
0x00
256
712 ms
8.54 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35