전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TCS34087M 데이터시트(PDF) 42 Page - OSRAM GmbH

부품명 TCS34087M
상세설명  ALS/Color Sensor with Selective Flicker Detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34087M 데이터시트(HTML) 42 Page - OSRAM GmbH

Back Button TCS34087M Datasheet HTML 38Page - OSRAM GmbH TCS34087M Datasheet HTML 39Page - OSRAM GmbH TCS34087M Datasheet HTML 40Page - OSRAM GmbH TCS34087M Datasheet HTML 41Page - OSRAM GmbH TCS34087M Datasheet HTML 42Page - OSRAM GmbH TCS34087M Datasheet HTML 43Page - OSRAM GmbH TCS34087M Datasheet HTML 44Page - OSRAM GmbH TCS34087M Datasheet HTML 45Page - OSRAM GmbH TCS34087M Datasheet HTML 46Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
Datasheet, Public
Page 41
[v2-00] 2023-Feb-01
Document Feedback
TCS3408 − Package Drawings & Markings
Figure 50:
TCS3408 Module Dimensions
Note(s):
1. All linear dimensions are in micrometers.
2. The die is centered within the package within a tolerance of ±75 micrometers.
3. Package top surface is molded with an electrically nonconductive clear plastic compound having an index of refraction of 1.55.
4. Contact finish is copper alloy A194 with pre-plated NiPdAu lead finish.
5. This package contains no lead (Pb).
6. This drawing is subject to change without notice.
Package Drawings & Markings
Green
RoHS
ACTIVE AREA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53