전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TCS37073 데이터시트(PDF) 54 Page - OSRAM GmbH

부품명 TCS37073
상세설명  ALS/Color Sensor with Flicker Detection
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37073 데이터시트(HTML) 54 Page - OSRAM GmbH

Back Button TCS37073 Datasheet HTML 50Page - OSRAM GmbH TCS37073 Datasheet HTML 51Page - OSRAM GmbH TCS37073 Datasheet HTML 52Page - OSRAM GmbH TCS37073 Datasheet HTML 53Page - OSRAM GmbH TCS37073 Datasheet HTML 54Page - OSRAM GmbH TCS37073 Datasheet HTML 55Page - OSRAM GmbH TCS37073 Datasheet HTML 56Page - OSRAM GmbH TCS37073 Datasheet HTML 57Page - OSRAM GmbH TCS37073 Datasheet HTML 58Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 70 page
background image
ams Datasheet, Confidential
Page 53
[v1-05] 2019-May-13
Document Feedback
TCS3707 − Register Overview
Proximity Data and Status
Proximity data is stored as a 14-bit value (two bytes). Reading
the low byte first latches the high byte.
Proximity detection uses an Automatic Pulse Control (APC)
mechanism that adjusts the number of pulses per measurement
based on the magnitude of the reflected IR signal. As the
magnitude of the signal increases, the number of pulses
decreases. Proximity detection uses a 10-bit ADC that is
extended to a 14-bit dynamic range for PDATA using the
following formula:
PDATA = ADCvalue × (16 / actual pulses)
PDATA is therefore proportional to the reflected energy per
pulse, independent of the number of pulses used.
PXAVG and PBSLN provide the most recent average PDATA and
a proximity baseline—the minimum average PDATA since the
last calibration. Execute calibration to initialize the proximity
baseline, and then the baseline can automatically provide the
lowest average PDATA measured if this feature is enabled.
Figure 63:
Proximity Data
Note(s):
1. If HXTALK_MODE is asserted, PDATA is 10-bit.
2. Return to the Register Map (0xA1, 0xA2).
Bits
Addr
Field
Description
7:0
0xA1
PDATA
Proximity Data
15:8
0xA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70