전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TCS37203M 데이터시트(PDF) 40 Page - OSRAM GmbH

부품명 TCS37203M
상세설명  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37203M 데이터시트(HTML) 40 Page - OSRAM GmbH

Back Button TCS37203M Datasheet HTML 36Page - OSRAM GmbH TCS37203M Datasheet HTML 37Page - OSRAM GmbH TCS37203M Datasheet HTML 38Page - OSRAM GmbH TCS37203M Datasheet HTML 39Page - OSRAM GmbH TCS37203M Datasheet HTML 40Page - OSRAM GmbH TCS37203M Datasheet HTML 41Page - OSRAM GmbH TCS37203M Datasheet HTML 42Page - OSRAM GmbH TCS37203M Datasheet HTML 43Page - OSRAM GmbH TCS37203M Datasheet HTML 44Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 88 page
background image
Datasheet, Public
Page 39
[v5-00] 2023-Nov-27
Document Feedback
TCS3720 − Register Overview
LDR1_CFG Register (Address 0x9B)
Figure 51:
LDR1_CFG Register
EYE_SAFETY_CFG Register (Address 0x9E)
Figure 52:
EYE_SAFETY_CFG Register
EYE_SAFETY_STATUS Register (Address 0x9F)
Figure 53:
EYE_SAFETY_STATUS Register
Addr: 0x9B
LDR1_CFG
Bit
Bit Name
Default
Access
Bit Description
7
Reserved
0
RW
Reserved. Must be set to default value.
6EN_LDR_1
0
RW
Enables the LDR1.
5:4
Reserved
00
RW
Reserved. Must be set to default value.
3:0
PLDRIVE1
0010
RW
This field sets the drive current of the VCSEL driver 1.
The formula is shown below:
Drive Current 1=PLDRIVE1 x ISINK_LSB.
Addr: 0x9E
EYE_SAFETY_CFG
Bit
Bit Name
Default
Access
Bit Description
7
EYE_SAFETY_
CHKS_ENAB
0RW
Enables VDD and VSS short check for PLDRIVE0, and also
the analog watch dog timer.
Eye safety runs only once at the beginning when PON
and PEN are enabled.
6
DISABLE_
PROX_ON_WD_
FAIL
1RW
Disable the high side switch when the eye safety watch
dog expires.
5:0
Reserved
0
RW
Reserved. Must be set to default value.
Addr: 0x9F
EYE_SAFETY_STATUS
Bit
Bit Name
Default
Access
Bit Description
7:5
Reserved
0
R
Reserved. Must be set to default value.
4
EYE_SAFETY_
WD_STATUS_
SYNCED
0R
When the flag is set, it indicates that the watchdog has
triggered.
When DISABLE_PROX_ON_WD_FAIL is set, the
PLDRIVER0 is disabled when this flag is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88