전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3003 데이터시트(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

부품명 3003
상세설명  2/2 way Flanged Ball Valve in stainless steel, 2 pieces, DN 15…DN 200
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURKERT [Christian Bürkert GmbH & Co. KG]
홈페이지  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 데이터시트(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 3003 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Type 2651
Flange
6 | 12
Visit product website 
3.
Dimensions
3.1. DIN Flange acc. EN 1091 - 1 & EN 558 - 1 series 27 - F4 (DN 15…100) | F5 (DN 125…200)
Note:
Dimensions in mm
R
L1
L2
L1
DN 15...DN 100
DN 125...DN 200
Note:

Number of Flange Drillings - PN 16
‚
Number of Flange Drillings - PN 40
DN
L1
L2
H1
H2
H3
R
ISO
5211
U

‚
Weight
PN 16
Weight
PN 40
Article no.
[mm]
[kg]
[kg]
PN 16
PN 40
15
115 48.5 50
11
92
180
F05
11
4
4
–
2.7
–
772143 
20
120 51.5 53.5
11
95.5
180
F05
11
4
4
–
3.4
–
772144 
25
125 52
58.5
14
100.5 180
F05
14
4
4
–
4.4
–
772145 
32
130 57
71
14
113
180
F05
14
4
4
–
5.6
–
772146 
40
140 59
76
17
122.5 300
F07
17
4
4
–
8.1
–
772147 
50
150 62
83.5
17
130
300
F07
17
4
4
–
10.7
–
772148 
65
170 72
95
17
141.5 300
F07
17
4
8
13.8
14.5
772152 
772149 
80
180 71.2 113
22
194.5 400
F10
22
8
8
19.6
20.7
772153 
772150 
100
190 75.5 131
22
212.5 400
F10
22
8
8
26.7
29.7
772154 
772151 
125
325 –
151.5 22
–
700
F10
22
8
8
45
50
293779 
293786 
150
350 –
217
37
–
700
F14
36
8
8
70
75
293780 
293787 
200
400 –
252
37
–
700
F14
36
8
8
120
125
293781 
293788 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12