| 전자부품 데이터시트 검색엔진 |
|
3232 데이터시트(PDF) 13 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
3232 데이터시트(HTML) 13 Page - Christian Bürkert GmbH & Co. KG |
|
13 / 28 page ![]() Type 3232, 3233 Manually operated diaphragm valve 13 | 23 Visit product website 4.7. Tube valve body (VP) with flange connection Note: • Dimensions in mm, unless otherwise stated • For detailed information on the draining angle, please refer to the “Additional manual Type 2xxx 3xxx” on our website (see operating instructions ). L4 L3 A B x = Anzahl der Bohrungen Diaphragm size L4 L3 s3 Ø D9 Ø D6 Ø D7 a° Ø DB A B X Product key1.) DIN EN 1092 - 1 15 76.5 130 1.6 21.3 76.5 65.0 90 14 16 2 4 FD22 20 92.5 150 1.6 26.9 92.5 75.0 90 14 18 2 4 FD23 25 102.5 160 2.0 33.7 102.5 85.0 90 14 18 2 4 FD24 32 122.5 180 2.0 42.4 122.5 100.0 90 18 18 2 4 FD25 40 136.5 200 2.0 48.3 136.5 110.0 90 18 18 3 4 FD26 50 160.5 230 2.0 60.3 160.5 125.0 90 18 20 3 4 FD27 ANSI B16.5 15 67.0 130 1.6 21.3 89 60.5 90 15.7 11.2 1.6 4 FA02 25 106.0 160 2.0 33.7 108 79.2 90 15.7 14.2 1.6 4 FA04 40 128.0 200 2.0 48.3 127 98.6 90 15.7 17.5 1.6 4 FA06 50 151.0 230 2.0 60.3 152 120.7 90 19.1 19.1 1.6 4 FA07 JIS 10K 15 89 130 1.6 21.3 95 70 90 15 12 1 4 FJ01 20 103 150 1.6 26.9 100 75 90 15 14 1 4 FJ02 25 116 160 2.0 33.7 125 90 90 19 14 1 4 FJ03 40 147 200 2.0 48.3 140 105 90 19 16 2 4 FJ05 50 175 230 2.0 60.3 155 120 90 19 16 2 4 FJ06 1.) This information is part of the product key (see product enquiry form at the end of this data sheet) |