전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

8036 데이터시트(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

부품명 8036
상세설명  2/2-way diaphragm valve with manually operated actuator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURKERT [Christian Bürkert GmbH & Co. KG]
홈페이지  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8036 데이터시트(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 8036 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Type 3232, 3233
Manually operated diaphragm valve
6 | 23
Visit product website 
3.3. Material specifications
Note:
Your product variant may differ from this illustration depending on the housing and interface options.
1
3
4
5
2
No. Element
Material
1
Optical
position
indicator
Diaphragm size 15…50: polyoxymethylene
Diaphragm size 65…100: stainless steel
2
Hand-
wheel
Diaphragm size 8…50: polyphenylene sulphide
PPS (stainless steel on request)
Diaphragm size 65…100: stainless steel
3
Actuator
Diaphragm size 8…50: polyphenylene sulphide
PPS (stainless steel on request)
Diaphragm size 65…100: stainless steel
4
Diaphragm EPDM (AD), PTFE/EPDM (EA), advanced PTFE/
EPDM (EU), Gylon®/EPDM laminated (ER)
5
Valve body See “1. General technical data” on page 3
3.4. Example of available membrane materials
The diaphragms have been developed to meet the unique challenges of hygienic and sterile requirements. Bürkert offers diaphragms
with precise material composition and high accuracy. Bürkert diaphragms are available in a wide range of materials which have been
tested and proven in applications in the food and beverage, biotechnology, pharmaceutical and cosmetics industries. The dia-
phragms are tested during development and production to ensure reliability under difficult process conditions.
• EPDM (AD)
• PTFE/EPDM (EA)
• advanced PTFE/EPDM (EU)
• Gylon®/EPDM laminated (ER)
For further information please refer to our flyer “Diaphragm competence for hygienic applications” on our website .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28