전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

8690 데이터시트(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

부품명 8690
상세설명  Pneumatic control unit for decentralised automation of process valves ELEMENT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURKERT [Christian Bürkert GmbH & Co. KG]
홈페이지  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8690 데이터시트(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  8690 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Type 8690
5 | 13
Visit product website 
2.
Approvals and conformities
2.1. General notes
• The approvals and conformities listed below must be stated when making enquiries. This is the only way to ensure that the product
complies with all required specifications.
• Not all available versions can be supplied with the below mentioned approvals or conformities.
2.2. Conformity
In accordance with the Declaration of Conformity, the product is compliant with the EU Directives.
2.3. Standards
The applied standards which are used to demonstrate compliance with the EU Directives are listed in the EU-Type Examination Certificate
and/or the EU Declaration of Conformity.
2.4. Explosion protection
Approval
Description
Optional: Explosion protection
ATEX:
BVS 14 ATEX E 008 X
II 3G Ex ec IIC T4 Gc
II 3D Ex tc IIIC T135 °C Dc
BVS 14 ATEX E052 X
II 2G Ex ia IIC T* Gb
II 2D Ex ia IIIC T135 °C Db
IECEx:
IECEx BVS 14.0009 X
Ex tc IIIC T135 °C Dc
Ex ec IIC T4 Gc
IECEx BVS 14.0035 X
Ex ia IIIC T135 °C Db
Ex ia IIC T* Gb
2.5. North America (USA/Canada)
Approval
Description
Optional: UL Listed for the USA and Canada
The products are UL Listed for the USA and Canada according to:
• UL 61010-1 (ELECTRICAL EQUIPMENT FOR MEASUREMENT, CONTROL, AND LABORATORY USE – Part 1:
General Requirements)
• CAN/CSA-C22.2 No. 61010-1
Approval
Description
Optional: FM (Factory Mutual) – Explosion Protection
Increased Safety for Class I, Zone 2, AEx ec IIC T4 Gc hazardous (classified) locations, indoors and outdoors
(IP54). Alternatively marked as Class I Division 2 Groups A, B, C, and D; T4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13