| 전자부품 데이터시트 검색엔진 |
|
TMD2672 데이터시트(PDF) 17 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD2672 데이터시트(HTML) 17 Page - OSRAM GmbH |
|
17 / 44 page ![]() Page 16 ams Datasheet Document Feedback [v1-00] 2015-Mar-23 TMD2672 − Principles of Operation In many practical proximity applications, a number of optical system and environmental conditions can produce an offset in the proximity measurement result. To counter these effects, a proximity offset (POFFSET ) is provided which allows the proximity data to be shifted positive or negative. Additional information on the use of the proximity offset feature is provided in available ams application notes. Once the first proximity cycle has completed, the proximity valid (PVALID) bit in the Status register will be set and remain set until the proximity detection function is disabled (PEN). For additional information on using the proximity detection function behind glass and for optical system design guidance, please see available ams application notes. |