| 전자부품 데이터시트 검색엔진 |
|
TMD2772 데이터시트(PDF) 25 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD2772 데이터시트(HTML) 25 Page - OSRAM GmbH |
|
25 / 60 page ![]() Page 24 ams Datasheet Document Feedback [v1-21] 2016-Feb-16 TMD2772/ TMD2772WA − Principles of Operation When the ALS feature is enabled (AEN), the state machine will transition through the ALS Init and ALS ADC states. The ALS Init state takes 2.73 ms, while the ALS ADC time is dependent on the integration time (ATIME). The formula to determine ALS ADC time is given in the associated box in Figure 27. If an interrupt is generated as a result of the ALS cycle, it will be asserted at the end of the ALS ADC state and transition to the Sleep state if SAI is enabled. Figure 27: Detailed State Machine |