전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMD4903 데이터시트(PDF) 61 Page - OSRAM GmbH

부품명 TMD4903
상세설명  Color and Proximity Sensor Module with mobeam™ Barcode Emulation and IR Remote Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD4903 데이터시트(HTML) 61 Page - OSRAM GmbH

Back Button TMD4903 Datasheet HTML 57Page - OSRAM GmbH TMD4903 Datasheet HTML 58Page - OSRAM GmbH TMD4903 Datasheet HTML 59Page - OSRAM GmbH TMD4903 Datasheet HTML 60Page - OSRAM GmbH TMD4903 Datasheet HTML 61Page - OSRAM GmbH TMD4903 Datasheet HTML 62Page - OSRAM GmbH TMD4903 Datasheet HTML 63Page - OSRAM GmbH TMD4903 Datasheet HTML 64Page - OSRAM GmbH TMD4903 Datasheet HTML 65Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 86 page
background image
Page 60
Datasheet, Public
Document Feedback
[v2-00] 2022-Nov-03
TMD4903 − Application Information
Figure 71:
Pattern RAM Table
Pattern RAM: Volatile memory used for storing pattern data.
Note(s):
1. T_DATA = 0xFE is a special instruction. The following value in RAM becomes
the start address of any repeated sub-pattern.
2. T_DATA = 0xFF is a special instruction. It identifies the end of the pattern.
There are two special values that control the flow of the pattern:
Stop and Repeat-destination. A Stop is signified by the value of
0xFF loaded into a pattern ram location. The value is analogous
to a null character at the end of a text file. Any remaining RAM
after the 0xFF operator is encountered is not executed and the
pattern is finished. The Repeat-destination operator is signified
by a value of 0xFE followed by the start address of any repeated
sub-pattern. This value is analogous to a “goto”statement. Once
this value is encountered instruction pointer to the pattern RAM
is changed to the address stored in the next pattern RAM
location. These data values will not be decoded by the logic as
a reference/pointer to the timeword table, that is, 0xFF will not
index timeword location 15 for pulse and gap.
Pattern RAM
Address (Bank 0)
Data (Pulse-Gap)
00x0 to 0xFF
10x0 to 0xFF
20x0 to 0xFF
30x0 to 0xFF
~~
255
0x0 to 0xFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86