전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMG49037 데이터시트(PDF) 29 Page - OSRAM GmbH

부품명 TMG49037
상세설명  Gesture, Color and Proximity Sensor Module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG49037 데이터시트(HTML) 29 Page - OSRAM GmbH

Back Button TMG49037 Datasheet HTML 25Page - OSRAM GmbH TMG49037 Datasheet HTML 26Page - OSRAM GmbH TMG49037 Datasheet HTML 27Page - OSRAM GmbH TMG49037 Datasheet HTML 28Page - OSRAM GmbH TMG49037 Datasheet HTML 29Page - OSRAM GmbH TMG49037 Datasheet HTML 30Page - OSRAM GmbH TMG49037 Datasheet HTML 31Page - OSRAM GmbH TMG49037 Datasheet HTML 32Page - OSRAM GmbH TMG49037 Datasheet HTML 33Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 79 page
background image
Page 28
ams Datasheet
Document Feedback
[v1-01] 2019-Aug-20
TMG49037 − Register Description
ALS Interrupt Threshold Registers (0x84 – 0x87)
ALS level detection uses data generated by the Clear Channel.
The ALS Interrupt Threshold registers provide 16-bit values to
be used as the high and low thresholds for comparison to the
16-bit CDATA values. If AIEN is enabled and CDATA is not
between AILT and AIHT for the number of consecutive samples
specified in APERS an interrupt is asserted on the interrupt pin.
Figure 31:
ALS Interrupt Threshold Registers
Field
Register
Bits
Description
AILT
0x84
7:0
ALS low threshold low byte
0x85
15:8
ALS low threshold high byte
AIHT
0x86
7:0
ALS high threshold low byte
0x87
15:8
ALS high threshold high byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79