| 전자부품 데이터시트 검색엔진 |
|
TSL2520 데이터시트(PDF) 59 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TSL2520 데이터시트(HTML) 59 Page - OSRAM GmbH |
|
59 / 69 page ![]() Page 58 Datasheet, Public Document Feedback [v3-00] 2022-Dec-20 TSL2520 − Tape & Reel Information Figure 79: Tape and Reel Mechanical Drawing Note(s): 1. All linear dimensions are in millimeters. Dimension tolerance is ±0.10mm unless otherwise noted. 2. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly. 3. Symbols on drawing Ao, Bo, and Ko are defined in ANSI EIA Standard 481-B 2001 4. ams OSRAM packaging tape and reel conform to the requirements of EIA Standard 481-B. 5. In accordance with EIA standard device pin 1 is located next to the sprocket holes in the tape. 6. This drawing is subject to change without notice. Tape & Reel Information (V) |