전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSL2540 데이터시트(PDF) 15 Page - OSRAM GmbH

부품명 TSL2540
상세설명  ALS, Light-to-Digital Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2540 데이터시트(HTML) 15 Page - OSRAM GmbH

Back Button TSL2540 Datasheet HTML 11Page - OSRAM GmbH TSL2540 Datasheet HTML 12Page - OSRAM GmbH TSL2540 Datasheet HTML 13Page - OSRAM GmbH TSL2540 Datasheet HTML 14Page - OSRAM GmbH TSL2540 Datasheet HTML 15Page - OSRAM GmbH TSL2540 Datasheet HTML 16Page - OSRAM GmbH TSL2540 Datasheet HTML 17Page - OSRAM GmbH TSL2540 Datasheet HTML 18Page - OSRAM GmbH TSL2540 Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
Page 14
Datasheet, Public
Document Feedback
[v2-00] 2022-Dec-05
TSL2540 − Register Description
WTIME Register (Address 0x83)
Figure 16:
WTIME Register
The wait timer is implemented using a down counter.
Wait time = (value +1) x 2.8ms. If WLONG is enabled then
Wait time = (value +1) x 2.8ms x 12.
AILTL Register (Address 0x84)
Figure 17:
AILTL Register
The Visible (Vis) channel is compared against low-going 16-bit
threshold value set by AILTL and AILTH.
Addr: 0x83
WTIME
Bit
Bit Name
Default
Access
Bit Description
7:0
WTIME
0x00
R/W
Value that specifies the wait time between ALS cycles in
2.81ms increments.
Value
Increments
Wait Time
0x00
1
2.8ms (33.8ms)
0x01
2
5.6ms (67.6ms)
………
0x3F
64
180ms (2.16s)
………
0xFF
256
721ms (8.65s)
Addr: 0x84
AILTL
Bit
Bit Name
Default
Access
Bit Description
7:0
AILTL
0x00
R/W
This register sets the low byte of the LOW ALS threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com