전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL2S3003TT 데이터시트(PDF) 37 Page - NXP Semiconductors

부품명 SL2S3003TT
상세설명  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003TT 데이터시트(HTML) 37 Page - NXP Semiconductors

Back Button SL2S3003TT Datasheet HTML 33Page - NXP Semiconductors SL2S3003TT Datasheet HTML 34Page - NXP Semiconductors SL2S3003TT Datasheet HTML 35Page - NXP Semiconductors SL2S3003TT Datasheet HTML 36Page - NXP Semiconductors SL2S3003TT Datasheet HTML 37Page - NXP Semiconductors SL2S3003TT Datasheet HTML 38Page - NXP Semiconductors SL2S3003TT Datasheet HTML 39Page - NXP Semiconductors SL2S3003TT Datasheet HTML 40Page - NXP Semiconductors SL2S3003TT Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
8.5.2.13 FAST READ MULTIPLE BLOCK
As defined in ISO/IEC 15693-3 (2019).
Option 0 (Option flag not set) is supported.
Option 1 (Option flag set) is supported.
The supported data rates are as defined in ISO/IEC 15693-3 (2019):
• High data rate (26.48 kbits/s)
• X2 (52.97 kbits/s)
• X4 (105.94 kbits/s)
• X8 (211.88 kbits/s)
If one of the addressed blocks is part of a page protected with the Read-Password, and if the password has not
been transmitted first with the SET PASSWORD command, the label responds according to the error handling
(see Section 8.6 "Error handling").
Note: Block 75 of the user memory is used for the 24-bit counter feature and must be used differently. Refer to
Section 8.5.3.25 "24-bit counter".
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
37 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82