전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL2S3003TTFUD 데이터시트(PDF) 75 Page - NXP Semiconductors

부품명 SL2S3003TTFUD
상세설명  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003TTFUD 데이터시트(HTML) 75 Page - NXP Semiconductors

Back Button SL2S3003TTFUD Datasheet HTML 71Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 72Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 73Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 74Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 75Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 76Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 77Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 78Page - NXP Semiconductors SL2S3003TTFUD Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
13 References
[1] ISO Standard – ISO/IEC 15693 - Identification cards - Contactless integrated circuit cards - Vicinity cards.
[2] ISO Standard – ISO/IEC 15693-2 -Identification cards - Contactless integrated circuit cards - Vicinity cards
- Part 2: Air interface and initialization.
[3] ISO Standard – ISO/IEC 15693-3 -Identification cards - Contactless integrated circuit cards - Vicinity cards
- Part 3: Anticollision and transmission protocol.
[4] ISO Standard – ISO/IEC 7816-6 - Identification cards - Integrated circuit cards - Part 6: Inter-industry data
elements for interchange.
[5] Specification – General specification for 12" wafer on UV-tape with electronic fail die marking
Delivery type description – BU-ID document number: 1862**2.
[6] Publication – Certicom Research. SEC 2
Recommended Elliptic Curve Domain Parameters, version 2.0, January 2010.
[7] Application note – AN11600 - ICODE Originality Signature Verification
2
** ... document version number
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
75 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82