전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DMR35-ACMA1-AC1-R 데이터시트(PDF) 4 Page - Murata Power Solutions Inc.

부품명 DMR35-ACMA1-AC1-R
상세설명  AC Ammeter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA-PS [Murata Power Solutions Inc.]
홈페이지  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMR35-ACMA1-AC1-R 데이터시트(HTML) 4 Page - Murata Power Solutions Inc.

  DMR35-ACMA1-AC1-R Datasheet HTML 1Page - Murata Power Solutions Inc. DMR35-ACMA1-AC1-R Datasheet HTML 2Page - Murata Power Solutions Inc. DMR35-ACMA1-AC1-R Datasheet HTML 3Page - Murata Power Solutions Inc. DMR35-ACMA1-AC1-R Datasheet HTML 4Page - Murata Power Solutions Inc. DMR35-ACMA1-AC1-R Datasheet HTML 5Page - Murata Power Solutions Inc. DMR35-ACMA1-AC1-R Datasheet HTML 6Page - Murata Power Solutions Inc. DMR35-ACMA1-AC1-R Datasheet HTML 7Page - Murata Power Solutions Inc. DMR35-ACMA1-AC1-R Datasheet HTML 8Page - Murata Power Solutions Inc. DMR35-ACMA1-AC1-R Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DMR35-ACA.A01.D0
5 Page 4 of 11
DMR35-ACA/mA Series
AC Ammeter
www.murata-ps.com
NOMINAL OUTLINE DIMENSIONS
Panel Drill Template
Panel Mounting Details
ITEM
NO.
DESCRIPTION
QTY.
NOTES
1
DMR35 panel meter
1
Shown for reference
2
Gasket
1
Included with DMR35 panel
meter
3
Provided screws are
compatible with panel
Thickness:
1/16” – ¼”
REF
Panel shown for reference
4
4-20 x ½” thread forming
screw
4
Torque: 9 IN-LB (1 N-m)
Included with DMR35 panel
meter



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com