전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4002-G 데이터시트(PDF) 2 Page - Comchip Technology

부품명 1N4002-G
상세설명  General Purpose Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1N4002-G 데이터시트(HTML) 2 Page - Comchip Technology

  1N4002-G Datasheet HTML 1Page - Comchip Technology 1N4002-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
General Purpose Rectifier
Ratings and Characteristic Curves 1N4001S-G thru 1N4007S-G
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
1.0
0.6
0.4
0.2
0.8
0.1
1.0
10
0.01
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
0
0
50
100
150
LEAD TEMPERATURE,
o
C
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
5
10
15
20
25
30
110
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
0
0.1
1
100
10
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
1
100
1.0
4.0
10
100
10
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25
o
C
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=100
o
C
TJ=25
o
C
TJ =25
o
C
f = 1.0 MHZ
Vsig = 50mVp-p



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com