| 전자부품 데이터시트 검색엔진 |
|
4LS10K-5MIA 데이터시트(PDF) 29 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
4LS10K-5MIA 데이터시트(HTML) 29 Page - OSRAM GmbH |
|
29 / 115 page ![]() Document Feedback 4LS Functional Description Datasheet • PUBLIC DS000542 • v3-01 • 2022-Nov-17 114 │ 28 To accommodate for the use of the companding ADC curve, the overall ADC gain can be programmed with 8 bits (255 values) over the serial configuration interface. For a better understanding on the use of companding mode, please see Figure 36. Figure 36 : Principle of ADC Companding Mode 7.3.3 ADC Parameters The next figure presents the parameters of the ADC. Figure 37: ADC Parameters Parameter Min Typ Max Unit Default conversion (full range) 0.8 1 1.2 V INL 1 2 LSB(1) DNL 0.5 1 LSB(1) Programmable VReset voltage swing 1.65 1.8 1.85 V Programmable conversion (full range) 0.5 1.38 V (1) Is defined as LSB as the difference between the binary level N and N+1. ADC Black Level Register 0x06 ADC Step Register 0x04 to Line 1 ADC Slope Threshold 1 Register 0x07 ADC Slope Threshold 2 Register 0x08 ADC Slope Threshold 3 Register 0x09 ADC End Range Register 0x0A Black White Analogue Signal Level |