| 전자부품 데이터시트 검색엔진 |
|
SFPKA450KH1A-R1 데이터시트(PDF) 1 Page - Murata Manufacturing Co., Ltd |
|
|
|||||||||||||||||||||||||||||
SFPKA450KH1A-R1 데이터시트(HTML) 1 Page - Murata Manufacturing Co., Ltd |
|
1 / 3 page ![]() Product Search Data Sheet CFWLA455KJFA-B0 Note: This datasheet may be out of date. Please download the latest datasheet of CFWLA455KJFA-B0 from the official website of Murata Manufacturing Co., Ltd. http://www.murata.com/en/products/productdetail?partno=CFWLA455KJFA-B0 Attention 1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. 2.This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. URL : https://www.murata.com/ Last updated04/11/2024 Applications Unsuitable Applications Please be sure to read and comply with these "Precautions for use." Specific Applications Consumer equipment Please refer to Our Website and specifications, etc. for information about the performance, functions, quality, management, and safety required for the above applications, and use Products after confirming the performance and reliability of the actual Product. Appearance & Shape Packaging Information Packaging Specifications Standard Packing Quantity -B0 Bulk 150 Features Ceramic filter CFWLAseries are low profi le high selectivity ceramic fi lters, which use 6 elements in ladder form. They are best suitable to high-class transceivers, cordless telephones and amateur radios. Features 1. Low profile, high selectivity 2. Available bandwidths are B to J as standard 3. Easily mountable on any PC board 4. Operating temperature range: -20 to +80 (degrees C), Storage temperature range: -40 to +85 (degrees C) 1 of 3 |
유사한 부품 번호 - SFPKA450KH1A-R1 |
|
유사한 설명 - SFPKA450KH1A-R1 |