| 전자부품 데이터시트 검색엔진 |
|
SN74LVC00ADRG4 데이터시트(PDF) 32 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LVC00ADRG4 데이터시트(HTML) 32 Page - Texas Instruments |
|
32 / 39 page ![]() www.ti.com PACKAGE OUTLINE C 14X .008-.014 [0.2-0.36] TYP -15 0 AT GAGE PLANE -.314 .308 -7.97 7.83 [ ] 14X -.026 .014 -0.66 0.36 [ ] 14X -.065 .045 -1.65 1.15 [ ] .2 MAX TYP [5.08] .13 MIN TYP [3.3] TYP -.060 .015 -1.52 0.38 [ ] 4X .005 MIN [0.13] 12X .100 [2.54] .015 GAGE PLANE [0.38] A -.785 .754 -19.94 19.15 [ ] B -.283 .245 -7.19 6.22 [ ] CDIP - 5.08 mm max height J0014A CERAMIC DUAL IN LINE PACKAGE 4214771/A 05/2017 NOTES: 1. All controlling linear dimensions are in inches. Dimensions in brackets are in millimeters. Any dimension in brackets or parenthesis are for reference only. Dimensioning and tolerancing per ASME Y14.5M. 2. This drawing is subject to change without notice. 3. This package is hermitically sealed with a ceramic lid using glass frit. 4. Index point is provided on cap for terminal identification only and on press ceramic glass frit seal only. 5. Falls within MIL-STD-1835 and GDIP1-T14. 7 8 14 1 PIN 1 ID (OPTIONAL) SCALE 0.900 SEATING PLANE .010 [0.25] C A B |