전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BES043T 데이터시트(PDF) 2 Page - Balluff Korea Ltd.

부품명 BES043T
상세설명  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BALLUFF [Balluff Korea Ltd.]
홈페이지  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES043T 데이터시트(HTML) 2 Page - Balluff Korea Ltd.

  BES043T Datasheet HTML 1Page - Balluff Korea Ltd. BES043T Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductive Sensors
BES 515-326-SA49-D-TF-02
Order Code: BES043T
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 213262
ETIM 6.0: EC002714
BES043T_0.64_2023-12-20
2 / 2
Remarks
Installation instructions for ultra-high temperature rated inductive sensors 939234.
The sensor is functional again after the overload has been eliminated.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Wiring Diagrams
Technical Drawings



Html Pages

1 2