전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC101AILT 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 TSC101AILT
상세설명  High side current sense amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC101AILT 데이터시트(HTML) 3 Page - STMicroelectronics

  TSC101AILT Datasheet HTML 1Page - STMicroelectronics TSC101AILT Datasheet HTML 2Page - STMicroelectronics TSC101AILT Datasheet HTML 3Page - STMicroelectronics TSC101AILT Datasheet HTML 4Page - STMicroelectronics TSC101AILT Datasheet HTML 5Page - STMicroelectronics TSC101AILT Datasheet HTML 6Page - STMicroelectronics TSC101AILT Datasheet HTML 7Page - STMicroelectronics TSC101AILT Datasheet HTML 8Page - STMicroelectronics TSC101AILT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TSC101
Application schematic and pin description
3/18
1
Application schematic and pin description
The TSC101 high-side current-sense amplifier features a 2.8V to 30V input common-mode
range that is independent of supply voltage. The main advantage of this feature is to allow
high-side current sensing at voltages much greater than the supply voltage (VCC).
Figure 1.
Application schematic
Table 1 below describes the function of each pin. Their position is shown in the illustration
on the cover page and in Figure 1 above.
Table 1.
Pin description
Symbol
Type
Function
Out
Analog output
The OUT voltage is proportional to the magnitude of the sense
voltage Vp-Vm.
Gnd
Power supply
Ground line.
VCC
Power supply
Positive power supply line.
Vp
Analog input
Connection for the external sense resistor. The measured current
enters the shunt on the Vp side.
Vm
Analog input
Connection for the external sense resistor. The measured current
exits the shunt on the Vm side.
Vsense
Vout=Av.Vsense
4
3
1
2
Vp
Vm
Out
Gnd
5
VCC
load
Iload
2.8V to 30V
Rg1
Rg2
Rg3
Rsense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18